Part Number Hot Search : 
HD74SS TEA6846H TFS52 ST9012 SE05H HEM073 74HCT00 C103M
Product Description
Full Text Search
 

To Download 54FCT138TDB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  military and industrial temperature ranges idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable 1 june 2002 military and industrial temperature ranges the idt logo is a registered trademark of integrated device technology, inc. ? 2002 integrated device technology, inc. dsc-2570/9 features: ? std., a, and c grades ? low input and output leakage 1a (max.) ? cmos power levels ? true ttl input and output compatibility: ?v oh = 3.3v (typ.) ?v ol = 0.3v (typ.) ? high drive outputs (-15ma i oh , 48ma i ol ) ? meets or exceeds jedec standard 18 specifications ? military product compliant to mil-std-883, class b and desc listed (dual marked) ? power off disable outputs permit "live insertion" ? available in the following packages: ? industrial: soic, qsop ? military: cerdip, lcc functional block diagram idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable description: the idt54/74fct138t is a 1-of-8 decoder built using an advanced dual metal cmos technology. the idt54/74fct138t accepts three binary weighted inputs (a 0 , a 1 , a 2 ) and, when enabled, provides eight mutually exclusive active low outputs ( o 0 - o 7 ). the idt54/74fct138t features three enable inputs, two active low ( e 1 , e 2 ) and one active high (e 3 ). all outputs will be high unless e 1 and e 2 are low and e 3 is high. this multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to 32 lines) decoder with just four idt54/74fct138t devices and one inverter. o 7 o 6 o 5 o 4 o 3 o 2 o 1 o 0 a 1 a 2 a 0 e 1 e 2 e 3
military and industrial temperature ranges 2 idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable pin configuration symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. no terminal voltage may exceed vcc by =0.5v unless otherwise noted. 2. inputs and vcc terminals only. 3. output and i/o terminals only. 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 a 0 a 1 e 1 gnd o 7 e 3 a 2 e 2 o 0 o 1 o 2 o 3 o 4 o 5 o 6 v cc 1 2 3 4 5 7 9 6 8 10 11 12 13 14 15 16 17 18 19 20 nc o 1 o 2 o 3 o 4 a 1 a 0 o 7 g n d n c o 6 o 5 n c v c c o 0 index a 2 e 1 e 3 nc e 2 cerdip/ soic/ qsop top view lcc top view pin names description a 0 - a 2 address inputs e 1 , e 2 enable inputs (active low) e 3 enable input (active high) o 0 - o 7 outputs (active low) pin description symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 6 10 pf c out output capacitance v out = 0v 8 12 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested.
military and industrial temperature ranges idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable 3 note: 1. h = high voltage level x = don?t care l = low voltage level function table (1) inputs outputs e 1 e 2 e 3 a 0 a 1 a 2 o 0 o 1 o 2 o 3 o 4 o 5 o 6 o 7 h x x x xx hhh hhh h h x h x x xx hhh hhh h h x x l x xx hhh hhh h h l l h l l l lhh hhh h h l l hh l l h lh hhh h h l l h l h l hh l hhh h h l l hh hl hhh lhhh h l l h l lh hhh h lh h h l l hh lh hhh hhlh h l l h l hh hhh hhh l h l l hh hh hhh hhh h l symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (4) v cc = max. v i = 2.7v ? ? 1a i il input low current (4) v cc = max. v i = 0.5v ? ? 1 i i input high current (4) v cc = max., v i = v cc (max.) ? ? 1a v ik clamp diode voltage v cc = min., i in = ?18ma ? ?0.7 ?1.2 v i os short circuit current v cc = max., v o = gnd (3) ?60 ?120 ?225 ma v oh output high voltage v cc = min i oh = ?6ma mil 2.4 3.3 ? v in = v ih or v il i oh = ?8ma ind v i oh = ?12ma mil 2 3 ? i oh = ?15ma ind v ol output low voltage v cc = min i ol = ?32ma mil ? 0.3 0.5 v v in = v ih or v il i ol = ?48ma ind v h input hysteresis ? ? 200 ? mv i cc quiescent power supply current v cc = max. ? 0.01 1 a v in = gnd or v cc dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 10%; military: t a = ?55c to +125c, v cc = 5.0v 10% notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be tested at one time. duration of the test should not exceed one second. 4. the test limit for this parameter is 5a at t a = ?55c.
military and industrial temperature ranges 4 idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable symbol parameter test conditions (1) min. typ. (2) max. unit ? i cc quiescent power supply current v cc = max. ? 0.5 2 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply v cc = max. v in = v cc ? 0.15 0.3 ma/ current (4) outputs open v in = gnd mhz one input toggling 50% duty cycle i c total power supply current (5) v cc = max. v in = v cc ? 1.5 4 ma outputs open v in = gnd toggle e 1 , e 2 , or e 3 50% duty cycle v in = 3.4v ? 1.8 5 fo = 10mhz v in = gnd one input and one output toggling notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input; (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. i c = i quiescent + i inputs + i dynamic i c = i cc + ? i cc d h n t + i ccd (f o n o ) i cc = quiescent current ? i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f o = output frequency n o = number of outputs at f o all currents are in milliamps and all frequencies are in megahertz. power supply characteristics switching characteristics over operating range notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 54fct138t 54/74fct138at 54/74fct138ct mil. ind. mil. ind. mil. symbol parameter condition (1) min. (2) max. min. (2) max. min. (2) max. min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 12 1.5 5.8 1.5 7.8 1.5 5.1 1.5 6 ns t phl ax to o xr l = 500 ? t plh propagation delay 1.5 12.5 1.5 5.9 1.5 8 1.5 5.2 1.5 6.1 ns t phl e 1 or e 2 to o x t plh propagation delay 1.5 12.5 1.5 5.9 1.5 8 1.5 5.2 1.5 6.1 ns t phl e 3 to o x
military and industrial temperature ranges idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable 5 pulse generator r t d.u.t . v cc v in c l v out 50pf 500 ? 500 ? 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh preset clear clock enable etc. octal link octal link octal link octal link octal link test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns.
military and industrial temperature ranges 6 idt54/74fct138t/at/ct fast cmos 1-of-8 decoder with enable ordering information idt xx temp. range xxxx device type xx package x process so q industrial options small outline ic quarter-size small outline package 1-of-8 decoder 54 74 ? 55 c to +125 c ? 40 c to +85 c d l military options cerdip leadless chip carrier blank b industrial mil-std-883, class b fct 138t 138at 138ct corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com 3/25/2002 removed standard speed grade 6/20/2002 updated as per pnc logic-00-07 and logic-01-04 data sheet document history


▲Up To Search▲   

 
Price & Availability of 54FCT138TDB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X